PART |
Description |
Maker |
CLL4744A CLL4750A CLL4733A CLL4759A CLL4764A CLL47 |
1W Zener Diode(齐纳电压24V,1W齐纳二极 24 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 82 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1W Zener Diode(齐纳电压22V,1W齐纳二极 22 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 1W Zener Diode(齐纳电压15V,1W齐纳二极 1W Zener Diode(齐纳电压5.6V,1W齐纳二极 1W Zener Diode(齐纳电压100V,1W齐纳二极 1W Zener Diode(齐纳电压33V,1W齐纳二极 1W Zener Diode(齐纳电压30V,1W齐纳二极 1W Zener Diode(齐纳电压27V,1W齐纳二极 1W Zener Diode(齐纳电压16V,1W齐纳二极 1.0W ZENER DIODE 5% TOLERANCE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MLL957B MLL960B MLL976B MLL983B MLL979B MLL992B ML |
surface mount silicon Zener diodes LEADLESS GLASS ZENER DIODE SURFACE MOUNT Zener Voltage Regulator Diode
|
MICROSEMI CORP-SCOTTSDALE http:// MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
1N5953B 1N5918BG 1N5937 1N5937B 1N5929 1N5929B 1N5 |
Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Zener Voltage Regulator Diode 33 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 39 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 36 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 9.1 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL surface mount silicon Zener diodes 47 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode 51 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL Zener Voltage Regulator Diode 130 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AL IC CRIMZON Z8 MCU OTP 64K 20SSOP ZenerVoltageRegulatorDiode
5V to ±10V Voltage Converters Voltage Detectors SILICON 1.5 WATT ZENER DIODES
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5232A 1N5221A 1N5221B 1N5221C 1N5221D 1N5270B 1N |
22 V, 5.6 mA, zener diode 13 V, 9.5 mA, zener diode 36 V, 3.4 mA, zener diode 3.3 V, 20 mA, zener diode 30 V, 4.2 mA, zener diode 15 V, 8.5 mA, zener diode 8.7 V, 20 mA, zener diode 2.5 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 3.3 V, 20 mA, zener diode 19 V, 6.6 mA, zener diode 33 V, 3.8 mA, zener diode 56 V, 2.2 mA, zener diode 11 V, 20 mA, zener diode 28 V, 4.5 mA, zener diode 24 V, 5.2 mA, zener diode 60 V, 2.1 mA, zener diode 60 V, 2.1 mA, zener diode 39 V, 3.2 mA, zener diode 39 V, 3.2 mA, zener diode 17 V, 7.4 mA, zener diode 14 V, 9.0 mA, zener diode 12 V, 20 mA, zener diode 18 V, 7.0 mA, zener diode 5.6 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 87 V, 1.4 mA, zener diode 4.7 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 7.5 V, 20 mA, zener diode 110 V, 1.1 mA, zener diode 2.8 V, 20 mA, zener diode 24 V, 5.2 mA, zener diode 28 V, 4.5 mA, zener diode 25 V, 5.0 mA, zener diode 1N52 SERIES ZENER DIODES FKC 2.5/6-STF Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 250μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 2.5 V, 20 mA, zener diode 36 V, 3.4 mA, zener diode 9.1 V, 20 mA, zener diode 11 V, 20 mA, zener diode 62 V, 2.0 mA, zener diode 110 V, 1.1 mA, zener diode 3.9 V, 20 mA, zener diode 82 V, 1.5 mA, zener diode 16 V, 7.8 mA, zener diode 12 V, 20 mA, zener diode 3.9 V, 20 mA, zener diode 43 V, 3.0 mA, zener diode 68 V, 1.8 mA, zener diode 68 V, 1.8 mA, zener diode 56 V, 2.2 mA, zener diode 30 V, 4.2 mA, zener diode 43 V, 3.0 mA, zener diode 6.2 V, 20 mA, zener diode 3.0 V, 20 mA, zener diode 33 V, 3.8 mA, zener diode 14 V, 9.0 mA, zener diode 8.2 V, 20 mA, zener diode 2.8 V, 20 mA, zener diode 6.8 V, 20 mA, zener diode 75 V, 1.7 mA, zener diode 10 V, 20 mA, zener diode 47 V, 2.7 mA, zener diode 75 V, 1.7 mA, zener diode 51 V, 2.5 mA, zener diode 100 V, 1.3 mA, zener diode 8.7 V, 20 mA, zener diode 22 V, 5.6 mA, zener diode
|
LRC[Leshan Radio Company] 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
1SMA5941BT3 1SMA5925BT3 1SMA5914BT 1SMA5915BT 1SMA |
surface mount silicon Zener diodes 18 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.38 VOLTS 塑料表面贴装稳压二极.5.3 surface mount silicon Zener diodes 3.3 V, 0.9 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:5 Output Clock Driver PT 1.5/ 3-3.5-V PT 1.5/16-3.5-H PT 1.5/12-3.5-H PT 1.5/14-3.5-H PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS 1.5Watt Plastlc Surlace From old datasheet system PT 1.5/10-3.5-H
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi MOTOROLA[Motorola, Inc]
|
MMBZ5221BT08 MMBZ5228BT-7-F MMBZ5234BT-7-F |
surface mount silicon Zener diodes 3.9 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 150mW SURFACE MOUNT ZENER DIODE
|
Diodes, Inc. Diodes Incorporated
|
BZX84C5V1 BZX84C3V9 BZX84C6V2 BZX84C9V1 BZX84C10 B |
350mW SURFACE MOUNT ZENER DIODE surface mount silicon Zener diodes 硅表面贴装齐纳二极管
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
DDZ9715 DDZ9702 DDZ9685 DDZ9705 DDZ9686 DDZ9700 DD |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode INSUL ENCLOSURE, SURFACE MOUNT; IP rating:IP65; Series:PKZ RoHS Compliant: NA SURFACE MOUNT PRECISION ZENER DIODE Zener Diodes
|
Diodes Inc. DIODES[Diodes Incorporated]
|
MMBZ5235B MMBZ5250B MMBZ5243B MMBZ5252B MMBZ5221B |
Zeners 6.8 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3-32V Dual Operational Amplifier, Ta = 0 to 70°C; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3.9V, 0.35W Zener Diode 27V, 0.35W Zener Diode 6.8V, 0.35W Zener Diode 33V, 0.35W Zener Diode 13V, 0.35W Zener Diode 9.1V, 0.35W Zener Diode 15V, 0.35W Zener Diode 30V, 0.35W Zener Diode 16V, 0.35W Zener Diode 3.3V, 0.35W Zener Diode 20V, 0.35W Zener Diode
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CMKTC825A |
SURFACE MOUNT ULTRAmini TEMPERATURE COMPENSATED SILICON ZENER DIODE announces the release of the CMKTC825A temperature compensated (TC) Zener diode packaged in a space saving ULTRAmini SOT-363 surface mount case.
|
CENTRAL[Central Semiconductor Corp]
|
BZX84C39W BZX84C8V2W BZX84C12W BZX84C3V9W BZX84C33 |
surface mount silicon Zener diodes 200mW SURFACE MOUNT ZENER DIODE
|
Diodes Inc. DIODES[Diodes Incorporated]
|
|